Part Number Hot Search : 
C68HC SP380 Z89371QF STPS0520 AX194BE WFU1N60 MG500 ASH1201
Product Description
Full Text Search
 

To Download AZ78L05ZTR-G1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  3-terminal positive linear regulator az78lxx data sheet 1 nov. 2008 rev. 1. 8 bcd semiconductor manufacturing limited general description the az78lxx series are thr ee terminal positive regu- lators with several fixed output voltages. these regula- tors can provide local on card regulation, eliminating the distribution problems associated with single point regulation. the az78lxx can be used in logic sys- tems, instrumentation, hifi, and other solid state elec- tronic equipment. when used as a zener diode/resistor combination replacement, the az78lxx usually results an effective output impedance improvement of two orders of magnitude, and lower quiescent current. with adequate heat sinking the az78lxx can deliver 100ma output current. current limiting is included to limit the peak output current to a safe value. thermal protection is also provided. if internal power dissipation becomes too high for the heat sinking provided, the thermal shutdown circuit takes over preventing the ic from overheating. the az78lxx are available in the plastic to-92 ( bulk or ammo packing), soic-8, sot-223 and sot-89 packages. features output current up to 100ma fixed output voltages of 5v, 8v, 9v and 12v output voltage tolerances of 5% over the full temperature range internal short circuit current-limiting internal thermal ov erload protection no external components applications high efficiency linear regulator post regulation for switching supply microprocessor power supply mother board i/o power supply soic-8 figure 1. package types of the az78lxx sot-223 sot-89 to-92(bulk packing) to-92(ammo packing)
3-terminal positive linear regulator az78lxx data sheet 2 nov. 2008 rev. 1. 8 bcd semiconductor manufacturing limited figure 2. pin configuration of the az78lxx (top view) m package (soic-8) z package h package (sot-223) r package (sot-89) connect pin 4 to pin 2 or leave electrically isolated pin 4 pin configuration z package (to-92(bulk packing)) (to-92(ammo packing)) input output gnd 1 2 3 4 gnd 1 2 3 4 8 7 6 5 input output gnd n/c gnd gnd gnd n/c 1 2 3 input output gnd gnd 4 1 2 3 input output gnd 1 2 3 input output gnd
3-terminal positive linear regulator az78lxx data sheet 3 nov. 2008 rev. 1. 8 bcd semiconductor manufacturing limited figure 3. functional block diagram of the az78lxx output input gnd 1 2, 4 (2, 3, 6, 7) 3 (8) functional block diagram a(b) a for 3-pin b for 8-pin
3-terminal positive linear regulator az78lxx data sheet 4 nov. 2008 rev. 1. 8 bcd semiconductor manufacturing limited ordering information package tempe rat ure range part number marking id packing type lead free green lead free green to-92 -40 to 125 o c az78l05z-e1 az78l05z-g1 az78l05z-e1 az78l05z-g1 bulk az78l05ztr-e1 AZ78L05ZTR-G1 az78l05z-e1 az78l05z-g1 ammo az78l08z-e1 az78l08z-g1 az78l08z-e1 az78l08z-g1 bulk az78l08ztr-e1 az78l08ztr-g1 az78l08z-e1 az78l08z-g1 ammo az78l09z-e1 az78l09z-g1 az78l09z-e1 az78l09z-g1 bulk az78l09ztr-e1 az78l09ztr-g1 az78l09z-e1 az78l09z-g1 ammo az78l12z-e1 az78l12z-g1 az78l12z-e1 az78l12z-g1 bulk az78l12ztr-e1 az78l12ztr-g1 az78l12z-e1 az78l12z-g1 ammo soic-8 -40 to 125 o c az78l05m-e1 az78l05m-g1 78l05m-e1 78l05m-g1 tube az78l05mtr-e1 az78l05mtr-g1 78l05m-e1 78l05m-g1 tape & reel az78l08m-e1 az78l08m-g1 78l08m-e1 78l08m-g1 tube az78l08mtr-e1 az78l08mtr-g1 78l08m-e1 78l08m-g1 tape & reel az78l09m-e1 az78l09m-g1 78l09m-e1 78l09m-g1 tube az78l09mtr-e1 az78l09mtr-g1 78l09m-e1 78l09m-g1 tape & reel az78l12m-e1 az78l12m-g1 78l12m-e1 78l12m-g1 tube az78l12mtr-e1 az78l12mtr-g1 78l12m-e1 78l12m-g1 tape & reel sot-89 -40 to 125 o c az78l05rtr-e1 az78l05rtr-g1 e78a g78a tape & reel az78l08rtr-e1 az78l08rtr-g1 e78b g78b tape & reel az78l09rtr-e1 az78l09rtr-g1 e78c g78c tape & reel az78l12rtr-e1 az78l12rtr-g1 e78d g78d tape & reel sot-223 -40 to 125 o c az78l05htr-e1 az78l05htr-g1 eh78a gh78a tape & reel az78l08htr-e1 az78l08htr-g1 eh78b gh78b tape & reel az78l09htr-e1 az78l09htr-g1 eh78c gh78c tape & reel az78l12htr-e1 az78l12htr-g1 eh78d gh78d tape & reel circuit type package z: to-92 e1: lead free g1: green az78l - tr: tape and reel or ammo blank: tube or bulk r: sot-89 output voltage 05: 5v 08: 8v 09: 9v 12: 12v h: sot-223 m: soic-8 bcd semiconductor's pb-free produc ts, as designated with "e1" suffix in the part number, are rohs compliant. products with "g1" suffix are available in green packages.
3-terminal positive linear regulator az78lxx data sheet 5 nov. 2008 rev. 1. 8 bcd semiconductor manufacturing limited parameter symbol value unit input voltage v in 20 v operating junction temperature t j 150 o c lead temperature (soldering, 10sec) t lead 260 o c power dissipation (t a =25 o c) p d to-92 0.65 w soic-8 0.6 sot-223 0.7 sot-89 0.65 storage temperature range t stg -65 to 150 o c esd (human body model) esd 2000 v esd (machine model) esd 200 v n ote 1: stresses greater than those listed under "a bsolute maximum ratings" may cause permanent damage to the device. these are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating condi tions" is not implied. exposure to "absolute max- imum ratings" for extended periods may affect device reliability. parameter symbol min max unit input voltage az78l05 v in 15 v az78l08 18 az78l09 18 az78l12 18 operating junction temperature t j -40 125 o c recommended operating conditions absolute maximum ratings (note 1)
3-terminal positive linear regulator az78lxx data sheet 6 nov. 2008 rev. 1. 8 bcd semiconductor manufacturing limited parameter symbol conditions min typ max unit output voltage v out 4.855.2 v 7.0v ? v in ? 15v 1.0ma ? i out ? 40ma (note 2) 4.75 5.25 line regulation v rline 7.0v ? v in ? 15v 18 75 mv load regulation v rload 1.0ma ? i out ? 100ma 20 60 mv dropout voltage v drop 1.6 v current limit i limit t j =25 o c 150 ma quiescent current i q i out =0 3 5 ma quiescent current change ? i q 8.0v ? v in ? 15v 1.0 ma 1.0ma ? i out ? 40ma 0.1 output noise voltage n o 10hz ? f ? 100khz (note 3) 40 v ripple rejection psrr f=120hz, 8.0v ? v in ? 15v 47 62 db peak output current i pk 150 ma average temperature coefficient of output voltage ? v out / ? ti out = 5.0ma 0.65 mv/ o c minimum value of input voltage required to maintain line regula- tion v in (min) 6.7 7 v thermal resistance jc to-92 81 o c/w soic-8 104 sot-89 84 sot-223 71 limits in standard typeface are for t j =25 o c , bold typeface applies over -40 o c to 125 o c, i out =40ma, c in =0.33 f, c out =0.1 f, v in =10v, unless otherwise specified. note 2: power dissipation ? 0.6w note 3: recommended minimum load capacitance of 0.01 f to limit high frequency noise. az78l05 electrical characteristics electrical characteristics
3-terminal positive linear regulator az78lxx data sheet 7 nov. 2008 rev. 1. 8 bcd semiconductor manufacturing limited az78l08 electrical characteristics parameter symbol conditions min typ max unit output voltage v out 7.7 8.0 8.3 v 11v ? v in ? 18v 1.0ma ? i out ? 40ma (note 7.6 8.4 line regulation v rline 11v ? v in ? 18v 18 75 mv load regulation v rload 1.0ma ? i out ? 100ma 20 90 mv dropout voltage v drop 1.6 v current limit i limit t j =25 o c 150 ma quiescent current i q i out =0 3 5 ma quiescent current change ? i q 11v ? v in ? 18v 1.5 ma 1.0ma ? i out ? 40ma 0.1 output noise voltage n o 10hz ? f ? 100khz (note 3) 60 v ripple rejection psrr f=120hz, 11v ? v in ? 18v 39 45 db peak output current i pk 150 ma average temperature coefficient of output voltage ? v out / ? ti out = 5.0ma 0.8 mv/ o c minimum value of input voltage required to maintain line regula- tion v in (min) 9.7 v thermal resistance jc to-92 81 o c/w soic-8 104 sot-89 84 sot-223 71 limits in standard typeface are for t j =25 o c , bold typeface applies over -40 o c to 125 o c, i out =40ma, c in =0.33 f, c out =0.1 f, v in =14v, unless otherwise specified. note 2: power dissipation ? 0.6w note 3: recommended minimum load capacitance of 0.01 f to limit high frequency noise. electrical characteristics (continued)
3-terminal positive linear regulator az78lxx data sheet 8 nov. 2008 rev. 1. 8 bcd semiconductor manufacturing limited az78l09 electrical characteristics parameter symbol conditions min typ max unit output voltage v out 8.699.4 v 12v ? v in ? 18v 1.0ma ? i out ? 40ma (note 2) 8.55 9.45 line regulation v rline 12v ? v in ? 18v 18 75 mv load regulation v rload 1.0ma ? i out ? 100ma 20 90 mv dropout voltage v drop 1.6 v current limit i limit t j =25 o c 150 ma quiescent current i q i out =0 3 5 ma quiescent current change ? i q 12v ? v in ? 18v 1.5 ma 1.0ma ? i out ? 40ma 0.1 output noise voltage n o 10hz ? f ? 100khz (note 3) 70 v ripple rejection psrr f=120hz, 12v ? v in ? 18v 38 44 db peak output current i pk 150 ma average temperature coefficient of output voltage ? v out / ? ti out = 5.0ma 0.9 mv/ o c minimum value of input voltage required to mainta in line regula- tion v in (min) 10.7 v thermal resistance jc to-92 81 o c/w soic-8 104 sot-89 84 sot-223 71 limits in standard typeface are for t j =25 o c , bold typeface applies over -40 o c to 125 o c, i out =40ma, c in =0.33 f, c out =0.1 f, v in =15v, unless otherwise specified. note 2: power dissipation ? 0.6w note 3: recommended minimu m load capacitance of 0.01 f to limit high frequency noise. electrical characteristics (continued)
3-terminal positive linear regulator az78lxx data sheet 9 nov. 2008 rev. 1. 8 bcd semiconductor manufacturing limited az78l12 electrical characteristics parameter symbol conditions min typ max unit output voltage v out 11.5 12 12.5 v 15v ? v in ? 18v 1.0ma ? i out ? 40ma (note 2) 11.4 12.6 line regulation v rline 15v ? v in ? 18v 18 75 mv load regulation v rload 1.0ma ? i out ? 100ma 20 90 mv dropout voltage v drop 1.6 v current limit i limit t j =25 o c 1 50 ma quiescent current i q i out =0 3 5 ma quiescent current change ? i q 15v ? v in ? 18v 1.5 ma 1.0ma ? i out ? 40ma 0.1 output noise voltage n o 10hz ? f ? 100khz (note 3) 80 v ripple rejection psrr f=120hz, 15v ? v in ? 18v 40 54 db peak output current i pk 150 ma average temperature coefficient of output voltage ? v out / ? ti out = 5.0ma 1.0 mv/ o c minimum value of input voltage required to maintain line regula- tion v in (min) 13.7 v thermal resistance jc to-92 81 o c/w soic-8 104 sot-89 84 sot-223 71 limits in standard typeface are for t j =25 o c , bold typeface applies over -40 o c to 125 o c, i out =40ma, c in =0.33 f, c out =0.1 f, v in =18v, unless otherwise specified. note 2: power dissipation ? 0.6w note 3: recommended minimu m load capacitance of 0.01 f to limit high frequency noise. electrical characteristics (continued)
3-terminal positive linear regulator az78lxx data sheet 10 nov. 2008 rev. 1. 8 bcd semiconductor manufacturing limited typical performance characteristics figure 4. dropout characteristics figure 5. dropout voltage vs. junction temperature figure 7. input bias current vs. input voltage figure 6. quiescent current vs. junction temperature -40 -20 0 20 40 60 80 100 120 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 i out =1ma i out =40ma i out =100ma dropout voltage (v) junction temperature ( o c) az78l05 ? v=1%*v out 0246810 0 1 2 3 4 5 output voltage (v) v i input voltage (v) az78l05 v out =5v t j =25 o c i out =100ma i out =40ma i out =1ma input voltage (v) -40 -20 0 20 40 60 80 100 120 2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9 3.0 quiescent current (ma) junction temperature ( o c) az78l05 v in =10v i out =5ma 0 2 4 6 8 10 12 14 16 18 20 0.0 0.5 1.0 1.5 2.0 2.5 3.0 az78l05 v out =5.0v i out =40ma t j =25 o c input bias current (ma) input voltage (v)
3-terminal positive linear regulator az78lxx data sheet 11 nov. 2008 rev. 1. 8 bcd semiconductor manufacturing limited typical performance ch aracteristics (continued) figure 9.  line transient response 0 25 50 75 100 125 150 0.1 1 ja =250 o c/w p d (max) at 25 o c=0.6w package: soic-8 no heatsink power dissipation (w) ambient temperature ( o c) figure 10.  load transient response figure 8. power dissipation vs. ambient temperature (conditions: v in =10 to 11v, v out =5v, i out =40ma) time (4 s/div) az78l05 10 10.5 11 11.5 20 -40 -20 0 ? v out (20mv/div) v in (0.5v/div) i out (25ma/div) ? v out (100mv/div) time (10 s/div) az78l05 -200 -100 0 0 25 50 75 -300 (conditions: v in =10v, v out =5v, i out =1 to 50ma)
3-terminal positive linear regulator az78lxx data sheet 12 nov. 2008 rev. 1. 8 bcd semiconductor manufacturing limited typical application figure 11. typical application of the az78lxx note 4: bypass capacitors are recomm ended for optimum stability and transi ent response and should be located as close as possible to the regulator. az78l05 + + 0.33 f (note 4) 0.1 f (note 4) v in v out 1 2 3
3-terminal positive linear regulator az78lxx data sheet 13 nov. 2008 rev. 1. 8 bcd semiconductor manufacturing limited mechanical dimensions to-92(bulk packing) unit: mm(inch) 2.440(0.096) 2.640(0.104) 0.380(0.015) 0.550(0.022) ! 1.600(0.063) max 14.100(0.555) 14.500(0.571) 1.270(0.050) typ 3.300(0.130) 3.700(0.146) 4.300(0.169) 4.700(0.185) 1.100(0.043) 1.400(0.055) 4.400(0.173) 4.700(0.185) 3.430(0.135) min 0.360(0.014) 0.510(0.020) 0.000(0.000) 0.380(0.015)
3-terminal positive linear regulator az78lxx data sheet 14 nov. 2008 rev. 1. 8 bcd semiconductor manufacturing limited mechanical dimens ions (continued) to-92(ammo packing) unit: mm(inch) 4.300(0.169) 4.700(0.185) 13.000(0.512) 14.000(0.551) 2.540(0.100) typ 4.500(0.177) 5.500(0.217) 1.270(0.050) typ 0.380(0.015) 0.550(0.022) 4.400(0.173) 4.700(0.185) 3.430(0.135) min 0.360(0.014) 0.510(0.020) 0.000(0.000) 0.380(0.015) max 1.600(0.063) 1.100(0.043) 1.400(0.055) 3.300(0.130) 3.700(0.146) !
3-terminal positive linear regulator az78lxx data sheet 15 nov. 2008 rev. 1. 8 bcd semiconductor manufacturing limited mechanical dimens ions (continued) soic-8 unit: mm(inch) 0 8 1 5 r 0 . 1 5 0 ( 0 . 0 0 6 ) r0.150(0.006) 1.000(0.039) 0.330(0.013) 0.510(0.020) 1.350(0.053) 1.750(0.069) 0.100(0.004) 0.300(0.012) 0.900(0.035) 0.800(0.031) 0.200(0.008) 3.800(0.150) 4.000(0.157) 7 7 2 0 : 1 d 1.270(0.050) typ 0.190(0.007) 0.250(0.010) 8 d 5.800(0.228) 6.200(0.244) 0.675(0.027) 0.725(0.029) 0.320(0.013) 8 0.450(0.017) 0.800(0.031) 4.700(0.185) 5.100(0.201) 9
3-terminal positive linear regulator az78lxx data sheet 16 nov. 2008 rev. 1. 8 bcd semiconductor manufacturing limited mechanical dimens ions (continued) sot-223 unit: mm(inch) 3.300(0.130) 3.700(0.146) 6.700(0.264) 7.300(0.287) 2.900(0.114) 3.100(0.122) 0.610(0.024) 0.810(0.032) 2.300(0.091) typ 6.300(0.248) 6.700(0.264) 1.750(0.069) typ 4.500(0.177) 4.700(0.185) 0.020(0.001) 0.100(0.004) 1.520(0.060) 1.800(0.071) 1.500(0.059) 1.700(0.067) 0 . 2 5 0 ( 0 . 0 1 0 ) 0 . 3 5 0 ( 0 . 0 1 4 ) 0.250(0.010) 0 10 0.900(0.035) min
3-terminal positive linear regulator az78lxx data sheet 17 nov. 2008 rev. 1. 8 bcd semiconductor manufacturing limited mechanical dimens ions (continued) sot-89 unit: mm(inch) 1.400(0.055)* 1.630(0.064) 4.400(0.173) 0.360(0.014) 0.440(0.017) 3.000(0.118) 0 . 9 0 0 ( 0 . 0 3 5 ) 2 . 3 0 0 ( 0 . 0 9 1 ) 3 . 9 5 0 ( 0 . 1 5 6 ) 1.400(0.055) 0.360(0.014) 1 0 3 1 0 r0.200(0.008) r0.150(0.006) 0 . 0 0 0 ( 0 . 0 0 0 ) 3 1.600(0.063) 0.440(0.017) 0.560(0.022) 2 . 6 0 0 ( 0 . 1 0 2 ) 0.520(0.020) 4.600(0.181) 1.830(0.072) 1 . 2 0 0 ( 0 . 0 4 7 ) 4 . 2 5 0 ( 0 . 1 6 7 ) 0 . 0 7 6 ( 0 . 0 0 3 ) 0.360(0.014) 0.480(0.019)
important notice bcd semiconductor manufacturing limited reserves the right to make changes without further not ice to any products or specifi- cations herein. bcd semiconductor manufacturing limited does not as sume any responsibility for us e of any its products for any particular purpose, nor does bcd semiconductor manufacturi ng limited assume any liability aris ing out of the application or use of any its products or circui ts. bcd semiconductor manufacturing limited does not convey any license under its patent rights or other rights nor the rights of others. - wafer fab shanghai sim-bcd semiconductor manufacturing co., ltd. 800 yi shan road, shanghai 200233, china tel: +86-21-6485 1491, fax: +86-21-5450 0008 main site regional sales office shenzhen office shanghai sim-bcd semiconductor manuf acturing co., ltd., shenzhen office room e, 5f, noble center, no.1006, 3rd fuzhong road, futian district, shenzhen, 518026, china tel: +86-755-8826 7951 fax: +86-755-8826 7865 taiwan office bcd semiconductor (taiwan) company limited 4f, 298-1, rui guang road, nei-hu district, taipei, taiwan tel: +886-2-2656 2808 fax: +886-2-2656 2806 usa office bcd semiconductor corp. 30920 huntwood ave. hayward, ca 94544, usa tel : +1-510-324-2988 fax: +1-510-324-2788 - headquarters bcd semiconductor manufacturing limited no. 1600, zi xing road, shanghai zizhu sc ience-based industrial park, 200241, china tel: +86-21-24162266, fax: +86-21-24162277 bcd semiconductor manufacturing limited important notice bcd semiconductor manufacturing limited reserves the right to make changes without further not ice to any products or specifi- cations herein. bcd semiconductor manufacturing limited does not as sume any responsibility for us e of any its products for any particular purpose, nor does bcd semiconductor manufacturi ng limited assume any liability aris ing out of the application or use of any its products or circui ts. bcd semiconductor manufacturing limited does not convey any license under its patent rights or other rights nor the rights of others. - wafer fab shanghai sim-bcd semiconductor manufacturing limited 800, yi shan road, shanghai 200233, china tel: +86-21-6485 1491, fax: +86-21-5450 0008 bcd semiconductor manufacturing limited main site regional sales office shenzhen office shanghai sim-bcd semiconductor manuf acturing co., ltd. shenzhen office advanced analog circuits (shanghai) corporation shenzhen office room e, 5f, noble center, no.1006, 3rd fuzhong road, futian district, shenzhen 518026, china tel: +86-755-8826 7951 fax: +86-755-8826 7865 taiwan office bcd semiconductor (taiwan) company limited 4f, 298-1, rui guang road, nei-hu district, taipei, taiwan tel: +886-2-2656 2808 fax: +886-2-2656 2806 usa office bcd semiconductor corporation 30920 huntwood ave. hayward, ca 94544, u.s.a tel : +1-510-324-2988 fax: +1-510-324-2788 - ic design group advanced analog circuits (shanghai) corporation 8f, zone b, 900, yi shan road, shanghai 200233, china tel: +86-21-6495 9539, fax: +86-21-6485 9673 bcd semiconductor manufacturing limited http://www.bcdsemi.com bcd semiconductor manufacturing limited


▲Up To Search▲   

 
Price & Availability of AZ78L05ZTR-G1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X